1/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.01 - rev.b 10v drive nch mosfet R5007ANX ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) fast switching speed. 3) wide soa (safe operating area). 4) gate-source voltage (v gss ) guaranteed to be ? 30v. 5) drive circuits can be simple. 6) parallel use is easy. ? applications switching ? packaging specifications ? inner circuit package code basic ordering unit (pieces) ? 500 bulk R5007ANX type ? absolute maximum ratings (ta=25 ? c) parameter range of storage temperature channel temperature total power dissipation (tc=25 c) drain current gate-source voltage drain-source voltage v dss v gss p d tch 500 v v a w c 30 7 i d i dp continuous pulsed a 28 40 150 tstg c ? 55 to + 150 avalanche energy avalanche current i as 3.5 e as 3.2 symbol limits unit ? 1 pw 10 s, duty cycle 1% ? 2 l 500 h, v dd = 50v, r g = 25 , starting, tch = 25 c ? 3 limited only by maximum tempterature allowed ? 1 ? 3 ? 3 i s a i sp a a mj continuous pulsed 7 28 source current (body diode) ? 1 ? 2 ? 2 ? thermal resistance parameter c/w rth(ch-c) symbol limits unit c hannel to case 3.13 to-220fm (1)base (2)collector (3)emitter 4.5 2.8 0.75 3.2 ( 2 )( 3 ) ( 1 ) 0.8 2.54 2.6 2.54 1.3 1.2 14.0 12.0 8.0 2.5 10.0 15.0 ? 1 body diode (1) gate (2) drain (3) source ? 1 (1) (2) (3)
2/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.01 - rev.b data sheet R5007ANX ? electrical characteristics (ta=25 ? c) parameter gate-source leakage drain-source breakdown voltage zero gate voltage drain current gate threshold voltage static drain-source on-state resistance forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time total gate charge gate-source charge gate-drain charge symbol i gss v (br)dss i dss v gs(th) r ds(on) c iss | y fs | c oss c rss min. ? 500 ? 2.5 ? ? 2.5 ? ? ? ? ? ? 0.8 500 ? 300 23 100 ? 100 4.5 1.05 ? ? ? ? na v gs = 30v, v ds = 0v i d = 1ma, v gs = 0v v ds = 500v, v gs = 0v v ds = 10v, i d = 1ma i d = 3.5a, v gs = 10v v ds = 25v i d = 3.5a, v ds = 10v v gs = 0v f = 1mhz v a v pf s pf pf t d(on) ? 20 ? ns t r ? 22 ? v gs = 10v ns t d(off) ? 50 ? r l = 71.4 ns t f ? 25 ? r g = 10 ns q g ? 13 ? v dd 250v i d = 7a v gs = 10v r l = 35.7 / r g = 10 nc q gd ? 5.5 ? nc typ. max. unit conditions i d = 3.5a, v dd 250v ? pulsed ? ? ? ? ? ? ? ? q gs ? 3.5 ? nc ? ? body diode characteristics (source-drain) (ta=25 ? c) v sd ?? 1.5 v i s = 7a, v gs =0v forward voltage ? pulsed parameter symbol min. typ. max. unit conditions ?
3/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.01 - rev.b data sheet R5007ANX ? electrical characteristic curves 0 2 4 6 8 10 0 1020304050 ta= 25c pulsed 5.0 v v gs = 4.5 v 6.0 v 7.0 v 8.0 v 6.5 v 10 v 5.5 v fig.2: typical output characteristics( ) 0.001 0.01 0.1 1 10 100 0.01.53.04.56.0 v ds = 10v pulsed ta= 125c ta= 75c ta= 25c ta= -25c fig.4 typical transfer characteristics 0.1 1 10 0.1 1 10 100 v gs = 10v pulsed ta= 125c ta= 75c ta= 25c ta= -25c fig.6 static drain-source on-state resistance vs. drain current 0 0.5 1 1.5 2 2.5 3 051015 ta=25c pulsed i d = 3.5a i d = 7.0a fig.7 static drain-source on-state resistance vs. gate source 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds = 10v pulsed ta= -25c ta= 25c ta= 75c ta= 125c fig.9 forward transfer admittance vs. drain current 0.01 0.1 1 10 100 0.1 1 10 100 1000 ta = 25c single pulse dc operation p w =100us p w =1ms operation in this area is limited by r ds(on) fig.1 maximum safe operating aera fig.3: typical output characteristics( ) 0 1 2 3 4 5 012345 ta= 25c pulsed v gs = 4.5 v 5.0 6.0 5.5 6.5 7.0 8.0 10 fig.8 static drain-source on-state resistance vs. channel 0 0.5 1 1.5 2 2.5 3 -50 0 50 100 150 v gs = 10v pulsed i d = 3.5a i d = 7a fig.5 gate threshold voltage vs. channel 0 1 2 3 4 5 6 -50 0 50 100 150 v ds = 10v i d = 1ma drain-source voltage : v ds ( v ) drain current : i d (a) drain-source voltage: v ds (v) drain current: i d (a) drain-source voltage: v ds (v) drain current: i d (a) drain current : i d (a) static drain-source on-stat e resistance : r ds(on) ( ? ) channel temperature: t ch (c) gate threshold voltage: v gs(th) (v) gate-source voltage : v gs (v) drain current : i d (a) gate-source voltage : v gs (v) static drain-source on-stat e resistance : r ds(on) ( ? ) channel temperature: t ch (c) static drain-source on-state resistance : r ds(on ) ( ? ) drain current : i d (a) forward transfer admittance : |yfs| (s)
4/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.01 - rev.b data sheet R5007ANX 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 ta = 25c single pulse : 1unit rth ch-a t = t rth ch-a rth ch-a = 54.3c/w 10 100 1000 0.1 1 10 100 ta= 25c di / dt= 100a / s v gs = 0v pulsed fig.13 reverse recovery time vs.reverse drain current 0.01 0.1 1 10 100 00.511.5 v gs = 0v pulsed ta= 125c ta= 75c ta= 25c ta= -25c fig.10 reverse drain current vs. sourse-drain voltage 0 5 10 15 0 5 10 15 20 25 ta= 25c v dd = 250v i d = 7a r g = 10 ? pulsed fig.12 dynamic input characteristics 1 10 100 1000 10000 0.1 1 10 100 1000 c iss c oss c rs ta= 25c f= 1mhz v gs = 0v fig.11 typical capacitance vs. drain-source voltage 1 10 100 1000 10000 0.01 0.1 1 10 100 t r t f t d(on) t d(off) ta= 25c v dd = 250v v gs = 10v r g = 10 ? pulsed fig.14 switching characteristics fig.15 normalized transient thermal resistance vs. pulse w idth total gate charge : q g (nc) gate-source voltage : v gs (v) drain-source voltage : v ds (v) capacitance : c (pf) source-drain voltage : v sd (v) reverse drain current : i dr (a) reverse drain current : i dr (a) reverse recovery time: t rr (ns) drain current : i d (a) switching time : t (ns) pulse width : pw(s) normarized transient therma l resistance : r (t)
5/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.01 - rev.b data sheet R5007ANX ? switching characteristics measurement circuit fig.1 switching time measurement circuit fig.2 switching waveforms fig.3 gate charge measurement circuit fig.4 gate charge waveform fig.5 avalanche measurement circuit fig.6 avalanche waveform i g (const.)
r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.
|